Part Number Hot Search : 
BAT75008 68HC711 AD239 74FCT1 4D391 M54581P 74182 ZM4728
Product Description
Full Text Search
 

To Download VS-MUR1520-N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-mur1520pbf, VS-MUR1520-N3 www.vishay.com vishay semiconductors revision: 11-aug-11 1 document number: 94077 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ultrafast rectifier, 15 a fred pt ? features ? ultrafast recovery time ? low forward voltage drop ? 175 c operating junction temperature ? low leakage current ? compliant to rohs directive 2002/95/ec ? designed and qualified according to jedec-jesd47 ? halogen-free according to iec 61249-2-21 definition (-n3 only) description/applications vs-mur1520pbf is the state of the art ultrafast recovery rectifier specifically designed with optimized performance of forward voltage drop and ul trafast recovery time. the planar structure and th e platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. these devices are intended for use in the output rectification stage of smps, ups, dc/dc converters as well as freewheeling diode in low voltage inverters and chopper motor drives. their extremely optimized stored charge and low recovery current minimize the switch ing losses and reduce over dissipation in the switch ing element and snubbers. product summary package to-220ac i f(av) 15 a v r 200 v v f at i f 1.05 v t rr typ. see recovery table t j max. 175 c diode variation single die anode 1 3 2 cathode base cathode to-220ac absolute maximum ratings parameter symbol test conditions max. units peak repetitive reverse voltage v rrm 200 v average rectified forward current i f(av) total device, rated v r , t c = 150 c 15 a non-repetitive peak surge current i fsm 200 peak repetitive forward current i fm rated v r , square wave, 20 khz, t c = 150 c 30 operating junction and storage temperatures t j , t stg - 65 to 175 c electrical specifications (t j = 25 c unless otherwise specified) parameter symbol test conditio ns min. typ. max. units breakdown voltage, blocking voltage v br , v r i r = 100 a 200 - - v forward voltage v f i f = 15 a - - 1.05 i f = 15 a, t j = 150 c - - 0.85 reverse leakage current i r v r = v r rated - - 10 a t j = 150 c, v r = v r rated - - 500 junction capacitance c t v r = 200 v - 55 - pf series inductance l s measured lead to lead 5 mm from package body - 8.0 - nh
vs-mur1520pbf, VS-MUR1520-N3 www.vishay.com vishay semiconductors revision: 11-aug-11 2 document number: 94077 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dynamic recovery characteristics (t j = 25 c unless otherwise specified) parameter symbol test condition s min. typ. max. units reverse recovery time t rr i f = 1.0 a, di f /dt = 50 a/s, v r = 30 v - - 35 ns t j = 25 c i f = 15 a di f /dt = 200 a/s v r = 160 v -22- t j = 125 c - 39 - peak recovery current i rrm t j = 25 c - 1.6 - a t j = 125 c - 4.1 - reverse recovery charge q rr t j = 25 c - 19 - nc t j = 125 c - 90 - thermal - mechanical specifications parameter symbol test conditions min. typ. max. units maximum junction and storage temperature range t j , t stg - 65 - 175 c thermal resistance, junction to case r thjc --1.5 c/w thermal resistance, junction to ambient r thja --50 thermal resistance, case to heatsink r thcs mounting surface, flat, smooth and greased -0.5- weight -2.0- g -0.07- oz. mounting torque 6.0 (5.0) - 12 (10) kgf cm (lbf in) marking device case style to-220ac mur1520
vs-mur1520pbf, VS-MUR1520-N3 www.vishay.com vishay semiconductors revision: 11-aug-11 3 document number: 94077 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - typical forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction ca pacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1 10 t j = 175 c t j = 150 c t j = 25 c 0 1.5 0.6 0.9 v f - forward voltage drop (v) i f - instantaneous forward current (a) 100 0.3 1.2 0.1 0.01 0.1 1 10 100 0 100 150 v r - reverse voltage (v) i r - reverse current (a) t j = 175 c t j = 150 c t j = 125 c t j = 100 c t j = 25 c 1000 200 250 50 100 1000 0 10 100 1000 10 v r - reverse voltage (v) c t - junction capacitance (pf) t j = 25 c 0.01 0.1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) . . p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c 1 single pulse (thermal resistance) d = 0.50 d = 0.20 d = 0.10 d = 0.05 d = 0.02 d = 0.01
vs-mur1520pbf, VS-MUR1520-N3 www.vishay.com vishay semiconductors revision: 11-aug-11 4 document number: 94077 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - typical reverse recovery time vs. di f /dt fig. 8 - typical stored charge vs. di f /dt note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r 0510 allowable case temperature (c) i f(av) - average forward current (a) 160 170 180 see note (1) 150 dc 140 130 15 20 25 square wave (d = 0.50) rated v r applied 0 5 15 25 average power loss (w) i f(av) - average forward current (a) 0 d = 0.01 d = 0.02 d = 0.05 d = 0.10 d = 0.20 d = 0.50 dc 10 20 5 10 25 15 20 rms limit 100 1000 t rr (ns) di f /dt (a/s) 20 i f = 30 a i f = 15 a i f = 8 a 60 40 v r = 160 v t j = 125 c t j = 25 c 30 50 10 100 1000 q rr (nc) di f /dt (a/s) 40 i f = 30 a i f = 15 a i f = 8 a 200 120 v r = 160 v t j = 125 c t j = 25 c 80 160 0
vs-mur1520pbf, VS-MUR1520-N3 www.vishay.com vishay semiconductors revision: 11-aug-11 5 document number: 94077 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - reverse recovery parameter test circuit fig. 10 - reverse recovery waveform and definitions irfp250 d.u.t. l = 70 h v r = 200 v 0.01 g d s di f /dt adju s t q rr 0.5 i rrm di (rec)m /dt 0.75 i rrm i rrm t rr t b t a i f di f /dt 0 (1) (2) (3) (4) (5) (1) di f /dt - rate of change of current through zero cro ss ing (2) i rrm - peak rever s e recovery current (3) t rr - rever s e recovery time mea s ured from zero cro ss ing point of negative going i f to point where a line pa ss ing through 0.75 i rrm and 0.50 i rrm extrapolated to zero current. (4) q rr - area under curve dened by t rr and i rrm t rr x i rrm 2 q rr = (5) di (rec)m /dt - peak rate of change of current during t b portion of t rr
vs-mur1520pbf, VS-MUR1520-N3 www.vishay.com vishay semiconductors revision: 11-aug-11 6 document number: 94077 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-mur1520pbf 50 1000 antistatic plastic tube VS-MUR1520-N3 50 1000 antistatic plastic tube links to related documents dimensions www.vishay.com/doc?95221 part marking information to-220acpbf www.vishay.com/doc?95224 to-220ac-n3 www.vishay.com/doc?95068 spice model www.vishay.com/doc?95271 2 - ultrafast mur series 3 - current rating (15 = 15 a) - voltage rating (20 = 200 v) 4 1 - vishay semiconductors product 5 device code 5 1 3 2 4 vs- mur 15 20 pbf pbf = lead (pb)-free and rohs compliant - environmental digit: -n3 = halogen-free, rohs compliant and totally lead (pb)-free
document number: 95221 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 07-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 to-220ac outline dimensions vishay semiconductors dimensions in millimeters and inches notes (1) dimensioning and tolerancin g as per asme y14.5m-1994 (2) lead dimension and fini sh uncontrolled in l1 (3) dimension d, d1 and e do not in clude mold flash. mold flash shall not exceed 0.127 mm (0. 005") per side. these dimensions are m easured at the outermost extrem es of the plastic body (4) dimension b1, b3 and c1 apply to base metal only (5) controlling dimension: inches (6) thermal pad contour optional with in dimensions e, h1, d2 and e1 (7) dimension e2 x h1 define a zone where stamping and singulation irregularities are allowed (8) outline conforms to jedec to-220, d2 (minimum) where dimensions are derived from the actual package outline symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.25 4.65 0.167 0.183 e1 6.86 8.89 0.270 0.350 6 a1 1.14 1.40 0.045 0.055 e2 - 0.76 - 0.030 7 a2 2.56 2.92 0.101 0.115 e 2.41 2.67 0.095 0.105 b 0.69 1.01 0.027 0.040 e1 4.88 5.28 0.192 0.208 b1 0.38 0.97 0.015 0.038 4 h1 6.09 6.48 0.240 0.255 6, 7 b2 1.20 1.73 0.047 0.068 l 13.52 14.02 0.532 0.552 b3 1.14 1.73 0.045 0.068 4 l1 3.32 3.82 0.131 0.150 2 c 0.36 0.61 0.014 0.024 l3 1.78 2.13 0.070 0.084 c1 0.36 0.56 0.014 0.022 4 l4 0.76 1.27 0.030 0.050 2 d 14.85 15.25 0.585 0.600 3 ? p 3.54 3.73 0.139 0.147 d1 8.38 9.02 0.330 0.355 q 2.60 3.00 0.102 0.118 d2 11.68 12.88 0.460 0.507 6 ? 90 to 93 90 to 93 e 10.11 10.51 0.398 0.414 3, 6 13 2 d d1 h1 q detail b c a b l e1 lead tip l4 l3 e e2 ? p 0.015 a b mm 0.014 a b mm s eating plane c a2 a1 a a a lead assignments diode s 1 + 2 - cathode 3 - anode conforms to jedec outline to-220ac (6) (6) (7) (6) (7) view a - a e1 (6) d2 (6) h1 thermal pad e detail b d l1 d 123 c c 2 x b2 2 x b
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of VS-MUR1520-N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X